|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TK114xx VOLTAGE REGULATOR WITH ON/OFF SWITCH FEATURES s s s s s s s Low Dropout Voltage Electronic ON/OFF Switch Very Low Standby Current (ON, No Load) Internal Thermal Shutdown Short Circuit Protection Very Low (<100 nA) Current in OFF Mode Customized Versions Are Available APPLICATIONS s s s s s s s s s Battery Powered Systems Cellular Telephones Pagers Personal Communications Equipment Portable Instrumentation Portable Consumer Equipment Radio Control Systems Toys Low Voltage Systems DESCRIPTION The TK114xx is a low power, linear regulator with a builtin electronic switch. The internal electronic switch can be controlled by an external pull-up resistor and an open drain or open collector transistor. The device is in the OFF state when the control pin is biased from VIN through the pull-up resistor. An internal PNP pass-transistor is used in order to achieve low dropout voltage (typically 200 mV at 50 mA load current). The device has very low quiescent current (500 A) in the ON mode with no load and 2 mA with 30 mA load. The quiescent current is typically 4 mA at 60 mA load. An internal thermal shutdown circuit limits the junction temperature to below 150 C. The load current is internally monitored and the device will shut down (no load current) in the presence of a short circuit at the output. The device is available in a small SOT-23L surface mount package. TK114xxM R3 CONTROL 1 2 6 5 4 VIN GND 3 VO KT114xxM.PO BLOCK DIAGRAM ORDERING INFORMATION TK114 Tape/Reel Code Voltage Code VIN 1 S S S S 8 V O HIGH CONTROL 2 (HC) THERMAL PROTECTION S S - S S + S + S S S S VOLTAGE CODE 30 = 3.0 V 32 = 3.25 V 35 = 3.5 V 37 = 3.75 V 40 = 4.0 V 45 = 4.5 V 47 = 4.75 V 50 = 5.0 V 55 = 5.5 V 57 = 5.75 V 60 = 6.0 V 80 = 8.0 V TAPE/REEL CODE BX : Bulk/Bag TL : Tape Left LOW CONTROL 3 (LC) S TK114xx BANDGAP REFERENCE S January, 1995 TOKO, Inc. 11-20-94 - S 6 GND KT114xx * BD Page 1 TK114xx ABSOLUTE MAXIMUM RATINGS Supply Voltage ......................................................... 16 V Load Current ....................................................... 180 mA Power Dissipation (Note 1) ................................ 400 mW Storage Temperature Range ................... -55 to +150 C Operating Temperature Range .................. -30 to +80 C Lead Soldering Temp. (10 sec.) ........................... 240 C Junction Temperature .......................................... 150 C TK11430 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 4 V 9 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 4.5 V, IO = 10 mA VIN = 4.5 V, IO = 10 mA -20 C TA 75 C VIN = 4.5 V, IO = 10 mA 5 18 36 55 0.3 180 TEST CONDITION VIN = 4 V, IO = 0 mA VIN = 2.5 V, IO = 0 mA VIN = 10 V, Output Off VIN = 4 V, IO = 30 mA IO = 30 mA 70 2.9 3.0 0.12 110 70 30 50 80 MIN TYP 500 1 MAX 900 2.5 0.1 3.1 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 1: Power dissipation must be derated at the rate of 1.6 mW/ C for operation above TA = 25 C. TEST CIRCUIT 1 S VIN + _ A S S S V OUT I OUT V + 1 mF VIN 6 5 V OUT 4 + 10 mF 150K W 1 CONT CONT S 2 3 GND A ICONT + _ V NOTE: CONNECT PINS 2 AND 5 TO GND FOR MAXIMUM HEAT CONDUCTION. KT114xx * TC01A Page 2 11-20-94 January, 1995 TOKO, Inc. TK114xx TK11432 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 4.2 V 9.2 V VIN = 4.2 V, IO = 0 mA to 30 mA VIN = 4.2 V, I = 0 mA to 60 mA O 100 mV(rms), f = 400 Hz VIN = 4.7 V, IO = 10 mA VIN = 4.7 V, IO = 10 mA -20 C TA 75 C 10 Hz f 100 KHz, IO = 10 mA 6 20 40 55 0.3 180 TEST CONDITION VIN = 4.2 V, IO = 0 mA VIN = 2.5 V, IO = 0 mA VIN = 10 V, Output Off VIN = 4.2 V, IO = 30 mA IO = 30 mA (Note 2) 70 3.13 3.25 0.12 110 70 30 50 80 MIN TYP 500 1 MAX 900 2.5 0.1 3.37 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at I O = 30 mA. January, 1995 TOKO, Inc. 11-20-94 Page 3 TK114xx TK11435 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 4.5 V 9.5 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 4.5 V, IO = 10 mA VIN = 4.5 V, IO = 10 mA -20 C TA 75 C VIN = 4.5 V, IO = 10 mA 7 20 40 55 0.3 180 TEST CONDITION VIN = 4.5 V, IO = 0 mA VIN = 2.5 V, IO = 0 mA VIN = 10 V, Output Off VIN = 4.5 V, IO = 30 mA IO = 30 mA (Note 2) 70 3.38 3.5 0.12 110 70 35 55 95 MIN TYP 500 1 MAX 900 2.5 0.1 3.62 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA. Page 4 11-20-94 January, 1995 TOKO, Inc. TK114xx TK11437 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 4.7 V 9.7 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 5.2 V, IO = 10 mA VIN = 5.2 V, IO = 10 mA -20 C TA 75 C VIN = 4.5 V, IO = 10 mA 7 20 40 55 0.4 180 TEST CONDITION VIN = 4.7 V, IO = 0 mA VIN = 2.7 V, IO = 0 mA VIN = 10 V, Output Off VIN = 4.7 V, IO = 30 mA IO = 30 mA (Note 2) 70 3.62 3.75 0.12 110 70 35 110 100 MIN TYP 500 1 MAX 900 2.5 0.1 3.88 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA. January, 1995 TOKO, Inc. 11-20-94 Page 5 TK114xx TK11440 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 5 V 10 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 5.5 V, IO = 10 mA VIN = 5.5 V, IO = 10 mA -20 C TA 75 C VIN = 5.5 V, IO = 10 mA 8 24 48 55 0.4 180 TEST CONDITION VIN = 5 V, IO = 0 mA VIN = 3.0 V, IO = 0 mA VIN = 10 V, Output Off VIN = 5 V, IO = 30 mA IO = 30 mA (Note 2) 70 3.86 4.0 0.12 110 70 40 60 100 MIN TYP 500 1 MAX 900 2.5 0.1 3.1 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA. Page 6 11-20-94 January, 1995 TOKO, Inc. TK114xx TK11445 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 5.5 V 10.5 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 6 V, IO = 10 mA VIN = 6V, IO = 10 mA -20 C TA 75 C VIN =6 V, IO = 10 mA 8 25 55 55 0.5 180 TEST CONDITION VIN = 5 V, IO = 0 mA VIN = 3.5 V, IO = 0 mA VIN = 10 V, Output Off VIN = 5.5 V, IO = 30 mA IO = 30 mA (Note 2) 70 4.34 4.5 0.12 110 70 40 65 110 MIN TYP 500 1 MAX 900 2.5 0.1 4.66 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA. January, 1995 TOKO, Inc. 11-20-94 Page 7 TK114xx TK11447 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 5.7 V 10 .7 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 6.2 V, IO = 10 mA VIN = 6.2 V, IO = 10 mA -20 C TA 75 C VIN = 6.2 V, IO = 10 mA 8 25 50 55 0.6 180 TEST CONDITION VIN = 5.7 V, IO = 0 mA VIN = 3.7 V, IO = 0 mA VIN = 10 V, Output Off VIN = 5.7 V, IO = 30 mA IO = 30 mA (Note 2) 70 4.58 4.75 0.12 110 70 40 70 120 MIN TYP 500 1 MAX 900 2.5 0.1 4.92 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA. Page 8 11-20-94 January, 1995 TOKO, Inc. TK114xx TK11450 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 6 V 11 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 6.5 V, IO = 10 mA VIN = 6.5 V, IO = 10 mA -20 C TA 75 C VIN = 6.5 V, IO = 10 mA 8 25 60 55 0.6 180 TEST CONDITION VIN = 6.0 V, IO = 0 mA VIN = 4.0 V, IO = 0 mA VIN = 10 V, Output Off VIN = 6.0 V, IO = 30 mA IO = 30 mA (Note 2) 70 4.83 5.0 0.12 110 70 40 70 120 MIN TYP 500 1 MAX 900 2.5 0.1 5.17 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA. January, 1995 TOKO, Inc. 11-20-94 Page 9 TK114xx TK11455 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 6.5 V 11.5 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 7.0 V, IO = 10 mA VIN = 7.0 V, IO = 10 mA -20 C TA 75 C VIN = 7.0 V, IO = 10 mA 8 30 65 55 0.7 180 TEST CONDITION VIN = 6.5 V, IO = 0 mA VIN = 4.5 V, IO = 0 mA VIN = 10 V, Output Off VIN = 6.5 V, IO = 30 mA IO = 30 mA (Note 2) 70 5.31 5.5 0.12 110 70 40 75 130 MIN TYP 500 1 MAX 900 2.5 0.1 5.69 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA. Page 10 11-20-94 January, 1995 TOKO, Inc. TK114xx TK11460 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 7.0 V 12 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 7.5 V, IO = 10 mA VIN = 7.5 V, IO = 10 mA -20 C TA 75 C VIN = 7.5 V, IO = 10 mA 8 30 65 55 0.7 180 TEST CONDITION VIN = 7.0 V, IO = 0 mA VIN = 5.0 V, IO = 0 mA VIN = 10 V, Output Off VIN = 7.0 V, IO = 30 mA IO = 30 mA (Note 2) 70 5.79 6.0 0.12 110 70 40 80 140 MIN TYP 500 1 MAX 900 3.0 0.1 6.21 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA. January, 1995 TOKO, Inc. 11-20-94 Page 11 TK114xx TK11480 ELECTRICAL CHARACTERISTICS SYMBOL IIN1 IIN2 IINS VO VDROP IO IOR LinReg LoaReg RR V/T VN Control Pin ICONT VCoff VCon Control Pin Current Control Pin Voltage Control Pin Voltage On Mode Off Mode On Mode VIN-0.2 0 35 120 V IN 0.6 A V V PARAMETER Supply Current 1 Supply Current 2 Standby Current Output Voltage Regulation Dropout Voltage Output Current Recommended Output Current Line Regulation Load Regulation Ripple Rejection VO Temperature Coefficient Output Noise Voltage VIN = 9 V 13 V IO = 0 mA to 30 mA IO = 0 mA to 60 mA 100 mV(rms), f = 400 Hz VIN = 9.5 V, IO = 10 mA VIN = 9.5 V, IO = 10 mA -20 C TA 75 C VIN = 9.5 V, IO = 10 mA 8 30 65 55 0.7 220 TEST CONDITION VIN = 9.0 V, IO = 0 mA VIN = 7.0 V, IO = 0 mA VIN = 10 V, Output Off VIN = 9.0 V, IO = 30 mA IO = 30 mA (Note 2) 70 7.72 8.0 0.12 110 70 40 100 180 MIN TYP 500 1 MAX 900 3.0 0.1 8.28 0.3 UNITS A A A % V mA mA mV mV mV dB mV/C V(rms) Note 2: IO (Load Current) is current when VO drop down 0.3V from VO at IO = 30 mA. Page 12 11-20-94 January, 1995 TOKO, Inc. TK114xx TYPICAL PERFORMANCE CHARACTERISTICS TK11430 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A 3.2 VIN = 4V DROPOUT VOLTAGE vs LOAD CURRENT 0.5 T = 25 C A 3.2 0.4 OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A IO = 0 V DROP (V) VO (V) 0.3 3.0 VO (V) 3.0 0.2 0.1 2.8 2.8 0 0 50 I O (mA) 100 TPC13 0 50 I O (mA) 100 TPC14 0 10 VIN (V) 20 TPC15 QUIESCENT CURRENT vs LOAD CURRENT 10 T = 25 C A VIN = 4V SHORT CIRCUIT PROTECTION 5 T = 25 C A VIN = 4V 2 INPUT CURRENT vs INPUT VOLTAGE T = 25 C A IO = 0 4 I Q (mA) VO (V) 3 I IN (mA) 5 1 2 1 0 0 0 50 I O (mA) 100 TPC16 0 0 100 I O (mA) 200 TPC17 0 10 V IN (V) 20 TPC18 TK11435 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A VIN = 4.5V 0.5 DROPOUT VOLTAGE vs LOAD CURRENT T = 25 C A OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A 3.7 IO = 0 3.7 0.4 V DROP (V) 0.3 VO (V) VO (V) 3.5 3.5 0.2 0.1 3.3 0 3.3 0 50 I O (mA) 100 TPC25 0 50 IO (mA) 100 TPC26 0 10 V IN (V) 20 TPC27 January, 1995 TOKO, Inc. 11-20-94 Page 13 TK114xx TYPICAL PERFORMANCE CHARACTERISTICS (CONT.) TK11435 (CONT.) QUIESCENT CURRENT vs LOAD CURRENT 10 TA = 25 C VIN = 4.5V 5 SHORT CIRCUIT PROTECTION T = 25 C A VIN = 4.5V INPUT CURRENT vs INPUT VOLTAGE 2 T = 25 C A IO = 0 4 3 5 I IN (mA) 0 100 I O (mA) 200 TPC29 I Q (mA) VO (V) 1 2 1 0 0 50 I O (mA) 100 TPC28 0 0 0 10 V IN (V) 20 TPC30 TK11437 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A 3.4 VIN = 4.2V 0.5 DROPOUT VOLTAGE vs LOAD CURRENT T = 25 C A OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A 3.4 IO = 0 0.4 V DROP (V) VO (V) 0.3 VO (V) 0 50 IO (mA) 100 TPC20 3.2 3.2 0.2 0.1 3.0 0 3.0 0 50 I O (mA) 100 TPC19 0 10 V IN (V) 20 TPC21 QUIESCENT CURRENT vs LOAD CURRENT 10 T = 25 C A VIN =4.2V 5 SHORT CIRCUIT PROTECTION T = 25 C A VIN = 4.2V 2 INPUT CURRENT vs INPUT VOLTAGE T = 25 C A IO = 0 4 I Q (mA) 3 5 I IN (mA) VO (V) 1 2 1 0 0 50 I O (mA) 100 TPC22 0 0 100 IO (mA) 200 TPC23 0 0 10 V IN (V) 20 TPC24 Page 14 11-20-94 January, 1995 TOKO, Inc. TK114xx TYPICAL PERFORMANCE CHARACTERISTICS (CONT.) TK11440 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A 4.2 VIN = 5V 0.5 DROPOUT VOLTAGE vs LOAD CURRENT OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A 4.2 IO = 0 T = 25 C A 0.4 VDROP (V) 0.3 VO (V) 0 50 I O (mA) 100 TPC32 VO (V) 4.0 4.0 0.2 0.1 3.8 0 3.8 0 50 I O (mA) 100 TPC31 0 10 V IN (V) 20 TPC33 QUIESCENT CURRENT vs LOAD CURRENT 10 T = 25 C A VIN = 5V 5 SHORT CIRCUIT PROTECTION T = 25 C A VIN = 5V 2 INPUT CURRENT vs INPUT VOLTAGE T = 25 C A IO = 0 4 3 5 I IN (mA) 0 100 I O (mA) 200 TPC35 I Q (mA) VO (V) 1 2 1 0 0 50 I O (mA) 100 TPC34 0 0 0 10 V IN (V) 20 TPC36 TK11445 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A 4.7 VIN = 5.5V 0.5 DROPOUT VOLTAGE vs LOAD CURRENT T = 25 C A 4.7 0.4 OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A IO = 0 VDROP (V) VO (V) 0.3 VO (V) 0 50 IO (mA) 100 TPC38 4.5 4.5 0.2 0.1 4.3 0 4.3 0 50 I O (mA) 100 TPC37 0 10 V IN (V) 20 TPC39 January, 1995 TOKO, Inc. 11-20-94 Page 15 TK114xx TYPICAL PERFORMANCE CHARACTERISTICS (CONT.) TK11445 (CONT.) QUIESCENT CURRENT vs LOAD CURRENT 10 T = 25 C A VIN = 5.5V 5 SHORT CIRCUIT PROTECTION T = 25 C A VIN = 5.5V 2 INPUT CURRENT vs INPUT VOLTAGE T = 25 C A IO = 0 4 3 5 I IN (mA) 0 100 I O (mA) 200 TPC41 I Q (mA) VO (V) 1 2 1 0 0 50 I O (mA) 100 TPC40 0 0 0 10 V IN (V) 20 TPC42 TK11447 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A 4.9 VIN = 5.7V 0.5 DROPOUT VOLTAGE vs LOAD CURRENT T = 25 C A 4.9 0.4 OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A IO = 0 V DROP (V) VO (V) 0.3 4.7 VO (V) 4.7 0.2 0.1 1.8 0 50 I O (mA) 100 TPC01 4.5 0 0 50 I O (mA) 100 TPC02 0 10 VIN (V) 20 TPC03 INPUT CURRENT vs INPUT VOLTAGE 2 T = 25 C A IO = 0 10 QUIESCENT CURRENT vs LOAD CURRENT T = 25 C A VIN = 5.7V 2 INPUT CURRENT vs INPUT VOLTAGE T = 25 C A IO = 0 I IN (mA) I Q (mA) I IN (mA) 1 5 1 0 0 10 V IN (V) 20 TPC04 0 0 50 I O (mA) 100 TPC05 0 0 10 V IN (V) 20 TPC06 Page 16 11-20-94 January, 1995 TOKO, Inc. TK114xx TYPICAL PERFORMANCE CHARACTERISTICS (CONT.) TK11450 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A 5.2 VIN = 6V 0.5 DROPOUT VOLTAGE vs LOAD CURRENT T = 25 C A OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A 5.2 IO = 0 0.4 VDROP (V) VO (V) 0.3 VO (V) 0 50 IO (mA) 100 TPC44 5.0 5.0 0.2 0.1 4.8 0 4.8 0 50 I O (mA) 100 TPC43 0 10 V IN (V) 20 TPC45 QUIESCENT CURRENT vs LOAD CURRENT 10 T = 25 C A VIN = 6V 6 SHORT CIRCUIT PROTECTION T = 25 C A VIN = 6V 2 INPUT CURRENT vs INPUT VOLTAGE T = 25 C A IO = 0 5 VOUT (V) 4 5 I IN (mA) 0 100 I O (mA) 200 TPC47 I Q (mA) 1 3 2 0 0 50 I O (mA) 100 TPC46 0 0 10 V IN (V) 20 TPC48 TK11455 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A 5.7 VIN = 6.5V 0.5 DROPOUT VOLTAGE vs LOAD CURRENT T = 25 C A OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A 5.7 IO = 0 0.4 VDROP (V) 0.3 5.5 VO (V) 0 50 I O (mA) 100 TPC50 VO (V) 5.5 0.2 0.1 5.3 0 5.3 0 50 I O (mA) 100 TPC49 0 10 VIN (V) 20 TPC51 January, 1995 TOKO, Inc. 11-20-94 Page 17 TK114xx TYPICAL PERFORMANCE CHARACTERISTICS (CONT.) TK11455 (CONT.) QUIESCENT CURRENT vs LOAD CURRENT 10 T = 25 C A VIN = 6.5V SHORT CIRCUIT PROTECTION 6 T = 25 C A VIN = 6.5V INPUT CURRENT vs INPUT VOLTAGE 2 T = 25 C A IO = 0 5 4 I IN (mA) 0 100 I O (mA) 200 TPC53 I Q (mA) VO (V) 5 1 3 2 0 0 50 I O (mA) 100 TPC52 0 0 10 V IN (V) 20 TPC54 TK11460 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A 6.2 VIN = 7V 0.5 DROPOUT VOLTAGE vs LOAD CURRENT T = 25 C A OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A IO = 0 6.2 0.4 VDROP (V) VO (V) 6.0 VO (V) 0 50 I O (mA) 100 TPC71 0.3 6.0 0.2 0.1 5.8 0 5.8 0 50 I O (mA) 100 TPC70 0 10 V IN (V) 20 TPC72 QUIESCENT CURRENT vs LOAD CURRENT 10 T = 25 C A VIN = 7V 7 SHORT CIRCUIT PROTECTION T = 25 C A VIN = 7V INPUT CURRENT vs INPUT VOLTAGE 2 T = 25 C A IO = 0 6 5 5 I IN (mA) 0 100 I O (mA) 200 TPC74 I Q (mA) VO (V) 1 4 3 0 0 50 I O (mA) 100 TPC73 0 0 10 V IN (V) 20 TPC75 Page 18 11-20-94 January, 1995 TOKO, Inc. TK114xx TYPICAL PERFORMANCE CHARACTERISTICS (CONT.) TK11480 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A 8.25 VIN = 9V 0.4 0.5 DROPOUT VOLTAGE vs LOAD CURRENT T = 25 C A OUTPUT VOLTAGE vs INPUT VOLTAGE T = 25 C A IO = 0 8.25 VDROP (V) VO (V) VO (V) 0 50 IO (mA) 100 TPC77 0.3 8.0 8.0 0.2 0.1 7.8 0 7.8 0 50 I O (mA) 100 TPC76 0 10 V IN (V) 20 TPC78 QUIESCENT CURRENT vs LOAD CURRENT 10 T = 25 C A VIN = 9V 7 8 SHORT CIRCUIT PROTECTION T = 25 C A VIN = 9V INPUT CURRENT vs INPUT VOLTAGE 2 T = 25 C A IO = 0 6 I IN (mA) 0 100 I O (mA) 200 TPC80 I Q (mA) VO (V) 5 1 5 4 0 0 50 I O mA) 100 TPC79 0 0 10 V IN (V) 20 TPC81 TK11430 OUTPUT VOLTAGE vs TEMPERATURE VIN = VO +1V 3.2 IO = 10 mA 3.7 TK11435 OUTPUT VOLTAGE vs TEMPERATURE VIN = VO +1V IO = 10mA 3.4 TK11437 OUTPUT VOLTAGE vs OUTPUT CURRENT T = 25 C A VIN = 4.2V VO (V) VO (V) 3.0 3.5 VO (V) -20 0 20 40 TA (C) 60 80 TPC59 3.2 2.8 -20 0 20 40 TA (C) 60 80 TPC57 3.3 3.0 0 50 I O (mA) 100 TPC19 January, 1995 TOKO, Inc. 11-20-94 Page 19 TK114xx TYPICAL PERFORMANCE CHARACTERISTICS (CONT.) TK11440 OUTPUT VOLTAGE vs TEMPERATURE VIN = VO +1V 4.2 IO = 10mA 4.7 TK11445 OUTPUT VOLTAGE vs TEMPERATURE VIN = VO +1V IO = 10mA 4.9 TK11447 OUTPUT VOLTAGE vs TEMPERATURE VIN = VO +1V IO = 10mA VO (V) VO (V) 4.0 4.5 VO (V) -20 0 20 40 TA (C) 60 80 TPC61 4.7 3.8 -20 0 20 40 TA (C) 60 80 TPC60 4.3 4.5 -20 0 20 40 TA (C) 60 80 TPC61A TK11450 OUTPUT VOLTAGE vs TEMPERATURE VIN = VO +1V 5.2 IO = 10mA 5.9 TK11457 OUTPUT VOLTAGE vs TEMPERATURE VIN = VO +1V IO = 10mA TK11460 OUTPUT VOLTAGE vs TEMPERATURE VIN = VO +1V 6.2 IO= 10mA VO (V) VO (V) 5.0 5.7 VO (V) -20 0 20 40 TA (C) 60 80 TPC63 6.0 4.8 -20 0 20 TA (C) 40 60 80 TPC62 5.5 5.8 -20 0 20 40 TA (C) 60 80 TPC82 TK11480 OUTPUT VOLTAGE vs TEMPERATURE VIN = VO +1V 8.2 IO = 10mA VO (V) 8.0 7.8 -20 0 20 40 TA (C) 60 80 TPC83 Page 20 11-20-94 January, 1995 TOKO, Inc. TK114xx TYPICAL PERFORMANCE CHARACTERISTICS (CONT.) COMMON CHARACTERISTICS LINE TRANSIENT RESPONSE T = 25 C A VO (V) VO LOAD TRANSIENT RESPONSE TA = 25 C VIN = VO +1V 100mV/DIV VO (V) 5 INPUT OUTPUT CHARACTERISTICS (SWITCH ON) T = 25 C A TK11455 TK11450 TK11445 4 TK11440 TK11435 TK11432 TK11430 50mV/DIV 3 VIN (V) 5 VIN 4 5s/DIV IO IO(mA) 2 5ms/DIV 1 40 0 TPC64 TPC65 0 0 5 VIN (V) 10 TPC66 TURN ON TRANSIENT RESPONSE 3 T = 25 C A IO = 10mA IO = 80mA CONTROL PIN CHARACTERISTICS 5 T = 25 C A +100 8 INPUT OUTPUT CHARACTERISTICS (SWITCH ON) T = 25 C A TK11480 4 VO 7 VO (V) 3 0 VO (V) (A) ICONTROL VO (V) 6 TK11460 5 0 CONT. IN 2 ICONTROL 1 -100 0 100s/DIV TPC67 4 3 0 1 3 VCONTROL(V) 2 4 5 TPC68 0 5 VIN (V) 10 TPA-100 TEST CIRCUIT 2 0 RIPPLE REJECTION vs FREQUENCY T = 25 C A VIN = V O +1V IN S TK114xx S + 100K S S OUT 10mF RIPPLE REJECTION (dB) I O = 5mA -50 0mA TEST CIRCUIT 2 TC02 -100 0.100 RIPPLE REJECTION TEST CIRCUIT 1 10 FREQUENCY (kHz) 100 TPC69 January, 1995 TOKO, Inc. 11-20-94 Page 21 TK114xx TYPICAL APPLICATIONS CONTROL FUNCTION UTILIZED VIN (See Note) S S S CONTROL FUNCTION NOT UTILIZED VO 4.7 mF + 1mF 6 5 4 + IN S TK114xx S + 100K S S OUT 10 mF R MAX = 100K W PULL-UP RESISTOR Rmax/N Devices S 1 S 2 3 S TC02 ON/OFF Control (Optional) To other TK114xx Devices TA01 Note: Parallel connection of control pins is allowed if all devices use identical input voltage. PRINTED CIRCUIT BOARD LAYOUT + + GND SCALE: 10:1 0.95 mm KT114xx * PCBL01 Application Hints Maximize copper foil area connecting to all IC pins for optimum performance. Place input and output bypass capacitors close to the GND pin. For best transient behavior and lowest output impedance, use as large a capacitor value as possible. The temperature coefficient of the capacitance and Equivalent Series Resistance (ESR) should be taken into account. These parameters can influence power supply noise and ripple rejection. In extreme cases, oscillation may occur. In order to maintain stability, the output bypass capacitor value should be minimum 2.2 F for a Tantalum electrolytic or 4.7 F for an Aluminum electrolytic. Handling Molded Resin Packages All plastic molded packages absorb some moisture from the air. If moisture absorption occurs prior to soldering the device into the printed circuit board, increased separation of the lead from the plastic molding may occur, degrading the moisture barrier characteristics of the device. This property of plastic molding compounds should not be overlooked, particularly in the case of very small packages, where the plastic is very thin. In order to preserve the original moisture barrier properties of the package, devices are stored and shipped in moisture proof bags, filled with dry air. The bags should not be opened or damaged prior to the actual use of the devices. If this is unavoidable, the devices should be stored in a low relative humidity environment (40 to 65%) or in an enclosed environment with desiccant. Page 22 11-20-94 January, 1995 TOKO, Inc. TK114xx TYPICAL APPLICATIONS (CONT.) 100 k VIN 0.1 F + 6 1 11450 21 2,3,5 + 5V 4.7 VO 6 1 R 11440 21 2,3,5 + 4V 4.7 VO 6 1 F + 1 11420 21 2,3,5 + 2V 4.7 VO Tr TK114xx TP/pg.24 6 VIN 0.1 F + 4 114XX VO 2,3,5 + 100 k R 1 4.7 VO Tr 114-TA pg.24 td January, 1995 TOKO, Inc. 11-20-94 Page 23 TK114xx PACKAGE OUTLINE SOT-23L 6 5 4 0.6 1.0 Orientation Mark 1 2 3 +0.1 0.4 -0.05 e e 0.1 M e 0.95 0.95 0.95 e 0.95 Recommended Mount Pad 3.4 0.2 2.2 0.3 0.2 +0.15 -0 1.25 1.2 0.2 e1 3.2 0.05 +0.1 -0.05 0.15 0.05 0.15 3.3 0.3 Unit:mm The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc. YOUR LOCAL REPRESENTATIVE IS: TOKO, Inc. 1-17, Higashi-yukigaya 2-chome Ohta-ku, Tokyo 145 Japan Tel: (03) 3727-1161 Fax: (03) 3728-4690, 4697 Page 24 (c) 1993 Toko America, Inc. All Rights Reserved 30 0.4 Max 11-20-94 January, 1995 TOKO, Inc. Printed in U.S.A. IC-105-TK114 |
Price & Availability of TK11450BX |